Part Number Hot Search : 
C2275A SNC68805 LYA67B BZX79B56 MGB77D EP4CE22 2N2222 MX536A
Product Description
Full Text Search
 

To Download D4795B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features - high reliability for low cost - wide frequency range - smd packages with small dimensions and low profile one - port & two - port saw resonators type ? ? ? ? f0* ( mhz ) ? ? ? ? f0 ( khz ) insertion loss (db) packag e freq.-temp.-coeff. <2.5 for one-port <7.5 for two-port <2.5 for one-port <7.5 for two-port <2.5 for one-port <7.5 for two-port <2.5 for one-port <7.5 for two-port saw - filter for remote control db mhz other parameters and packages are available on request saw - filter for communication db mhz other parameters and packages are available on request d1106(110.592mhz), d304tfn(304 mhz), d325tfn(325 mhz), d388(388mhz), d930(930.5mhz) d450 (402/406/410/414/418/422/426/430/430/434/438/442/446/450/454/458/462/466/470/474/478/482/486/ 490/492/494/498/502/506/510/514/518 mhz) - excellent attenuation behaviour petermann-technik | amselweg 8 | d-86916 kaufering 0.032 ppm/c2 sr315 315.00 0.032 ppm/c2 +-75 / +-100 sr433 433.02 fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 t0-39 / f-11 / 5x5 smd 0.032 ppm/c2 sr318 318.00 +-75 / +-100 t0-39 / f-11 / 5x5 smd other parameters and packages are available on request sr418 418.00 +-75 / +-100 t0-39 / f-11 / 5x5 smd +-75 / +-100 t0-39 / f-11 / 5x5 smd 0.032 ppm/c2 * the nominal center frequency (f0) range is from 200 mhz to 1 ghz t0-39 / f-11 sf433 433.92 3 2.5 t0-39 / f-11 f0 +-0.35 sf418 418.0 3 package band width f0 +-0.35 f0 +-0.35 t0-39 / f-11 3 2.5 t0-39 / f-11 3 2.5 insertion loss (db) type center frequency ( mhz ) insertion loss (db) f0 +-0.35 2.5 sf315 315.0 sf314 314.0 package d150rfq 138 ~ 174 3 f0 +-0.05 <5 f-11 type center frequency (mhz) band width d280rfq 278 ~ 284 3 f0 +-0.05 d150tfn 138 ~ 174 3 f0 +-4.0 3 f0 +-4.0 <5 f-11 <6.5 f-11 <4.5 f-11 <4.5 f-11 d280tfn 178 ~ 284 3 f0 +-3.3 d450tfn 400 ~ 500 other typical types http://www.petermann-technik.de | info@petermann-technik.de petermann technik time & frequency components
saw-filter for cordless phone & communication db mhz saw-filter for satellite-receiver db mhz saw-filter for cellular phone / rf-stage series d902 902.5 25 mhz 3.5 db petermann-technik | amselweg 8 | d-86916 kaufering fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 other parameters and packages are available on request insertion loss (db) package d45 45.36 3 f0 +1 <5 3 f0 +1 type center frequency (mhz) band width sf-712 <5 sf-712 d45/48 45.36/48.36 3 f0 +1 <5 sf-915 d48 48.36 <5 f-11 d927 927.75 d903 903.75 3 f0 +-2 3 f0 +-2 <5 f-11 d886 886.0 3 f0 +-2 <4 f-11 d931 931.0 3 f0 +-2 <4 f-11 <4 f-11 <4 f-11 d914 914.0 d959 959.0 3 f0 +-2 3 f0 +-2 f0 +13.5 <21 to-39 type center frequency (mhz) band width insertion loss (db) other parameters and packages are available on request type center frequency (mhz) wswr max. package application package d479.5b 479.5 3 2.5 3 x 3 mm smd for pdc/egsm d947 947.5 25 mhz 3.5 db 2.5 3 x 3 mm smd for gsm 2.5 3 x 3 mm smd for gsm 2.5 3 x 3 mm smd for cdma/amps d942 942.5 d836 836.5 25 mhz 3.5 db 35 mhz 3.5 db pass-band width insertion loss max. other parameters and packages are available on request http://www.petermann-technik.de | info@petermann-technik.de petermann technik time & frequency components
saw - filter for cellular phone / if - stage series petermann-technik | amselweg 8 | d-86916 kaufering http://www.petermann-technik.de | info@petermann-technik.de fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 d881 881.5 25 mhz 3.5 db type center frequency (mhz) pass-band width insertion loss max. wswr max. package application 3 x 3 mm smd for cdma/amps d246 246.0 +-80 mhz 8 db 2.0 s 5 x 5 mm smd for gsm 400.0 +-83 mhz 6 db 2.5 other parameters and packages are available on request 1.0 s 5 x 5 mm smd for gsm d85 85.38 +-300 mhz 15 db 3.0 s 7 x 5 mm smd for cdma d400 petermann technik time & frequency components
petermann technik time & frequency components petermann-technik | amselweg 8 | d-86916 kaufering fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de package drawings to-39 09.5max 00.45 5 . 0 m i n 3 . 5 m a x 0 . 7 5 0 . 8 #1 #3 #2 0 5 . 0 8 pin #1 #2 #3 function input ground output unit:mm f-11 #1 #2 #3 #4 5 . 0 m i n 3 . 3 m a x 2.54 00.5 2.54 2.54 #1 #2 #3 #4 11.3 max 4 . 8 m a x pin #1 #2 #3 #4 function input ground ground output unit:mm 5 x 5 mm smd 5.0 + 0.2 5 . 0 + 0 . 2 - - 1.0+0.1 - 1.5max 1.27+0.1 2.08+0.15 1 . 2 0 + 0 . 1 5 0 . 6 + 0 . 1 2.54+0.1 - - - - - #3 #2 #1 #7 #6 #4 #5 #8 pin #1 #2 #3 #4 connection input #5 #6 #7 #8 ground ground output ground ground / case ground ground / case unit: mm
petermann technik time & frequency components petermann-technik | amselweg 8 | d-86916 kaufering fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de sf-915 unit:mm 16.0max 5 . 0 #1 4-2.54 00.5 #2 #3 #4 #5 9.5max 4 . 0 2.75 t-4 unit:mm 15.6max 4 . 5 #1 00.65 #2 #3 #4 1.6 4 . 0 1 . 6 2.5 7 . 6 sip5l unit:mm 16.0max 4 . 0 #1 4-2.54 #2 #3 #4 #5 5 . 5 m a x 0.54 1 2 . 0 0 . 3 s-6ba unit:mm 16.0max 3 . 5 #1 4-2.54 00.5 #2 #3 #4 #5 6.0 3 . 5 m a x 1.7
petermann technik time & frequency components petermann-technik | amselweg 8 | d-86916 kaufering fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de 3 x 3 mm smd 3.0 + 0.13 3 . 0 + 0 . 1 3 - - 0.85+0.08 - 1.5max #1 #6 #4 #3 #2 #5 0.6 1 . 4 0 0 . 6 1.40 pin #1 #2 #3 #4 connection input #5 #6 ground output unit: mm ground ground ground to-5 unit:mm to-8 unit:mm 015.6max 5 . 0 5-00.5 6 . 0 5.0 6 . 2 5 3.75 3.75 dip10k 18.5max 0.50 4-2.54 4 . 0 5 . 2 0.4 12.7 11.5 12345 6 7 8 9 10 unit: mm
petermann technik time & frequency components petermann-technik | amselweg 8 | d-86916 kaufering fon: 00 49 (0) 81 91 / 30 53 95 | fax: 00 49 (0) 81 91 / 30 53 97 http://www.petermann-technik.de | info@petermann-technik.de 7 x 5 mm smd 7.0+0.2 5 . 0 + 0 . 2 - - 1.2+0.15 2 . 5 4 + 0 . 1 3 0.23 0.6 1.0+0.13 - - - #1 #1 #2 #2 #3 #6 #4 0.9+0.09 - 1.5max pin #1 #2 #3 #4 connection input #5 #6 ground signal ground output ground unit: mm


▲Up To Search▲   

 
Price & Availability of D4795B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X